PART |
Description |
Maker |
AT89S8253-24AI AT89S8253 AT89S8253-24JC AT89S8253- |
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
|
ATMEL[ATMEL Corporation]
|
W78C32C W78C32C-24 W78C32C-40 W78C32CF-24 W78C32CF |
From old datasheet system 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 FUSE 2A00 250V 5.0X20 MM S CR 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PDIP40
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
87C196JT AN87C196JQ AN87C196KR AN87C196JR AN87C196 |
Advanced 16-Bit CHMOS Microcontrollers Advanced 16-bit CHMOS microcontroller. EPROM 12K, Reg RAM 360, Code RAM 128, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 56 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 48K, Reg RAM 1.5K, Code RAM 512, I/O 41
|
Intel
|
K4S64323LH-HN75 K4S64323LH K4S64323LH-FC1H K4S6432 |
2M X 32 SYNCHRONOUS DRAM, 7 ns, PBGA90 Dual Rail-To-Rail Micropower Operational Amplifier 8-PDIP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-TSSOP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM 512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 12k × 32Bit的4银行0FBGA移动SDRAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
ST7FLITE-SK/RAIS ST7PLITE02F0U6TR ST7PLITES5Y0M6 S |
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 8-BIT, MROM, 16 MHz, MICROCONTROLLER, QCC20 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP16
|
STMicroelectronics
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
MB90634A MB90632A MB90634APF MB90632APF MB90632APF |
9-Bit Bus-Interface D-type Latches With 3-State Outputs 24-CDIP -55 to 125 16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 16-bit Proprietary Microcontroller 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
MB89183 MB89PV180CF-105 MB89P185PFM-105 MB89P185PF |
8-bit Proprietary Microcontroller (MB89181 - MB89185) 8-bit Proprietary Microcontroller 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP64 8-bit Proprietary Microcontroller 8-BIT, 4.2 MHz, MICROCONTROLLER, CQFP64
|
Fujitsu Component Limit... Fujitsu Media Devices Fujitsu Limited Fujitsu, Ltd. Fujitsu Component Limited.
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|